Part Number Hot Search : 
LC86323 LTC3851 NGAANUA A3515 BL8023 BAT54A HPL1005 ES51978Q
Product Description
Full Text Search
 

To Download QSC112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLASTIC SILICON INFRARED PHOTOTRANSISTOR QSC112
PACKAGE DIMENSIONS
0.116 (2.95) REFERENCE SURFACE 0.052 (1.32) 0.032 (0.082) 0.193 (4.90)
QSC113
QSC114
0.030 (0.76) NOM 0.800 (20.3) MIN
0.050 (1.27)
EMITTER 0.100 (2.54) NOM
SCHEMATIC
COLLECTOR
0.155 (3.94) 0.018 (0.46) SQ. (2X)
NOTES:
1. Dimensions for all drawings are in inches (mm). 2. Tolerance of .010 (.25) on all non-nominal dimensions unless otherwise specified.
EMITTER
DESCRIPTION
The QSC112/113/114 is a silicon phototransistor encapsulated in an infrared transparent, black T-1 package.
FEATURES
* Tight production distribution. * Steel lead frames for improved reliability in solder mounting. * Good optical-to-mechanical alignment. * Plastic package is infrared transparent black to attenuate visible light. * Mechanically and spectrally matched to the QECXXX LED. * Black plastic body allows easy recognition from LED.
2001 Fairchild Semiconductor Corporation DS300358 7/09/01
1 OF 4
www.fairchildsemi.com
PLASTIC SILICON INFRARED PHOTOTRANSISTOR QSC112
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Storage Temperature Soldering Temperature (Iron)(2,3,4) Soldering Temperature (Flow)(2,3) Collector-Emitter Voltage Emitter-Collector Voltage Power Dissipation(1) (TA = 25C unless otherwise specified) Symbol TOPR TSTG TSOL-I TSOL-F VCE VEC PD Rating -40 to +100 -40 to +100 240 for 5 sec 260 for 10 sec 30 5 100 Unit C C C C V V mW
QSC113
QSC114
1. Derate power dissipation linearly 1.33 mW/C above 25C. 2. RMA flux is recommended. 3. Methanol or isopropyl alcohols are recommended as cleaning agents. 4. Soldering iron 1/16" (1.6mm) minimum from housing. 5. ! = 880 nm, AlGaAs.
ELECTRICAL / OPTICAL CHARACTERISTICS
PARAMETER TEST CONDITIONS
(TA = 25C)
SYMBOL MIN TYP MAX UNITS
Peak Sensitivity Wavelength Reception Angle Collector-Emitter Dark Current Collector-Emitter Breakdown Emitter-Collector Breakdown On-State On-State Collector QSC112 On-State On-State Collector QSC113 On-State On-State Collector QSC114 Saturation Voltage Rise Time Fall Time
VCE = 10 V, Ee = 0 IC = 1 mA IE = 100 A Ee = 0.5 mW/cm2, VCE = 5 V(5) Ee = 0.5 mW/cm2, IC = 0.5 mA(5) VCC = 5 V, RL = 100 # IC = 2 mA
!PS " ICEO BVCEO BVECO IC(ON)
-- -- -- 30 5 1 2.40 4.00 -- -- --
880 8 -- -- -- -- -- -- -- 5.0 5.0
-- -- 100 -- -- 4 9.60 -- 0.4 -- --
nm Deg. nA V V mA
VCE(sat) tr tf
V s
www.fairchildsemi.com
2 OF 4
7/09/01
DS300358
PLASTIC SILICON INFRARED PHOTOTRANSISTOR QSC112
Figure 1. Light Current vs. Radiant Intensity
102
QSC113
100 90 80
QSC114
VCE = 5V GaAs Light Source
Figure 2. Angular Response Curve
110 70 60 50 40 30 20 10 0 1.0
IC(ON) - Light Current (mA)
120 130
101
140 150 160 170 180 1.0
10
-1
100
0.8
0.6
0.4
0.2
0.0
0.2
0.4
0.6
0.8
0.1
1
Ee - Radiant Intensity (mW/cm )
2
Figure 3. Dark Current vs. Collector - Emitter Voltage
101
101
Figure 4. Light Current vs. Collector - Emitter Voltage
Ie = 1mW/cm 2
I CEO - Dark Current (nA)
100
I L - Normalized Light Current
Ie = 0.5mW/cm 2 100 Ie = 0.2mW/cm 2 Ie = 0.1mW/cm 2
10-1
10-1 Normalized to: VCE = 5V Ie = 0.5mW/cm 2 TA = 25 oC 10-2 0.1
10
-2
10-3 0
5
10
15
20
25
30
1
10
VCE - Collector-Emitter Voltage (V)
VCE - Collector-Emitter Voltage (V)
Figure 5. Dark Current vs. Ambient Temperature
104
Normalized to: VCE = 25V
I CEO - Normalized Dark Current
103
TA = 25 C
o
VCE = 25V
VCE = 10V
102
101
100
10-1 25
50
75
o
100
TA - Ambient Temperature ( C )
DS300358
7/09/01
3 OF 4
www.fairchildsemi.com
PLASTIC SILICON INFRARED PHOTOTRANSISTOR QSC112 QSC113 QSC114
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
2 OF 4
7/09/01
DS300358


▲Up To Search▲   

 
Price & Availability of QSC112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X